| データシートサーチシステム |
|
ADMC331BST データシート(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC331BST データシート(HTML) 29 Page - Analog Devices |
|
29 / 36 page ![]() ADMC331 –29– REV. B DM (0x2004) 0 = INPUT 1 = OUTPUT PIODIR0 (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2044) 0 = INPUT 1 = OUTPUT PIODIR1 (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2005) 0 = LOW LEVEL 1 = HIGH LEVEL PIODATA0 (R/W) 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2045) 0 = LOW LEVEL 1 = HIGH LEVEL PIODATA1 (R/W) 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 DM (0x2049) 0 = LOW LEVEL 1 = HIGH LEVEL PIODATA2 (R/W) 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 0 = INPUT 1 = OUTPUT PIODIR2 (R/W) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2048) Figure 18. Configuration of ADMC331 Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. |