データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMC7812SPAP データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 AMC7812SPAP
部品情報  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP データシート(HTML) 3 Page - Texas Instruments

  AMC7812SPAP Datasheet HTML 1Page - Texas Instruments AMC7812SPAP Datasheet HTML 2Page - Texas Instruments AMC7812SPAP Datasheet HTML 3Page - Texas Instruments AMC7812SPAP Datasheet HTML 4Page - Texas Instruments AMC7812SPAP Datasheet HTML 5Page - Texas Instruments AMC7812SPAP Datasheet HTML 6Page - Texas Instruments AMC7812SPAP Datasheet HTML 7Page - Texas Instruments AMC7812SPAP Datasheet HTML 8Page - Texas Instruments AMC7812SPAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +105°C, AVDD = DVDD = 4.5V to 5.5V, AVCC = +15V, AGND = DGND = 0V, IOVDD = 2.7V to 5.5V, internal
2.5V reference, and the DAC output span = 0V to 5V, unless otherwise noted.
AMC7812
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC PERFORMANCE
DAC DC ACCURACY
Resolution
12
Bits
Measured by line passing through codes 020h
INL
Relative accuracy
±1
LSB
and FFFh
12-bit monotonic, Measured by line passing
DNL
Differential nonlinearity
±0.3
±1
LSB
through codes 020h and FFFh
TA = +25°C, DAC output = 5.0V
±10
mV
TUE
Total unadjusted error
TA = +25°C, DAC output = 12.5V
±30
mV
TA = +25°C, DAC output = 0V to +5V,
±2
mV
code 020h
Offset error
TA = +25°C, DAC output = 0V to +12.5V,
±5
mV
code 020h
Offset error temperature coefficient
±1
ppm/°C
External reference, output = 0V to +5V
±0.025
±0.15
%FSR
Gain error
External reference, output = 0V to +12.5V
-0.15
±0.3
%FSR
Gain temperature coefficient
±2
ppm/°C
DAC OUTPUT CHARACTERISTICS
VREF = 2.5V, gain = 2
0
5
V
Output voltage range(1)
VREF = 2.5V, gain = 5
0
12.5
V
DAC output = 0V to +5V, code 400h to C00h, to
Output voltage settling time(2)
½ LSB, from CS rising edge,
3
µs
RL = 2kΩ, CL = 200pF
Slew rate(2)
1.5
V/µs
Short-circuit current(2)
Full-scale current shorted to ground
30
mA
Source within 200mV of supply, TA = +25°C
+10
mA
Sink within 300mV of supply, TA = +25°C
-10
mA
Load current
DAC output = 0V to +5V, code B33h. Source
and/or sink with voltage drop < 25mV, TA: -40°C
±8
mA
to 95°C(3)
Capacitive load stability(2)
RL = ∞
10
nF
DC output impedance(2)
Code 800h
0.3
Ω
Power-on overshoot
AVCC 0 to 5V, 2ms ramp
5
mV
Digital-to-analog glitch energy
Code changes from 7FFh to 800h, 800h to 7FFh
0.15
nV-s
Digital feedthrough
Device is not accessed
0.15
nV-s
TA = +25°C, at 1kHz, code 800h, gain = 2,
81
nV/
√Hz
excludes reference
Output noise
f = 0.1Hz to 10Hz, excludes reference
8
µVPP
DAC REFERENCE INPUT
Reference voltage input range
REF-DAC pin
1
2.6
V
Input current(2)
VREF = 2.5V
170
µA
(1)
The output voltage must not be greater than AVCC. See the DAC Output section for more details.
(2)
Sampled during initial release to ensure compliance; not subject to production testing.
(3)
Valid only for material manufactured on or after October 2012.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92