| データシートサーチシステム |
|
AM3703CUS データシート(PDF) 43 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703CUS データシート(HTML) 43 Page - Texas Instruments |
|
43 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued) BALL BALL BALL RESET BUFFER PULLUP BALL TOP RESET IO CELL BOTTOM PIN NAME [2] MODE [3] TYPE [4] RESET REL. MODE POWER [8] HYS [9] STRENGTH /DOWN [1] REL. [12] [1] STATE [5] [7] (mA) [10] TYPE [11] STATE [6] AG2, AG3, B4, B7, B10, vss 0 GND - - - - - - - - AG6, AF12, B15, B18, AF20, AE12, C22, E2, AE20, F22, H2, P2, AC25, AB5, AB14, AC26, Y12, AB20 Y13, Y25, W3, W10, W13, W14, W17, W19, W25, V9, V10, V19, U2, U9, T20, R19, R20, R26, P3, P4, P9, P10, P19, N9, M20, L19, L20, L26, K9, K10, K12, K16, K17, K19, J3, J12, J13, J16, J17, G27, E3,E4, D7, D10, D13, D19, D21, C7, C10, C13, C19, C22, B2, B27, A3, A26 AA15 NA cap_vddu_wkup_ 0 PWR - - - - - - - - logic AH10, A12, AA1, Feed-Through - - - - - - - - - - AH11, AA23, AB11, Pins (9) AH13, AB9, AC11, AH15, AC13, AH16, AC14, AC8, AG11, AC9, H23, AG13, AF1, K1, L1, U1, AF28, AE28, Y23, A1, A2, AA1, N1, A22, A23, M1, J28, AB1, AB23, A15, M2, AC1, AC2, N2, A1, A2, AC22, A27, A28, AC23, B1, AG1, AG28, B23, AA2, AH1, AH2, U2, AA22, AH27, AB8, AB13, AH28, B1, B12, H22, B28, AA2, K2, K22, L2 AF2, AF27, AG10, AG15, B15, J27, M26 Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 43 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |