| データシートサーチシステム |
|
EP2C5 データシート(PDF) 48 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2C5 データシート(HTML) 48 Page - Altera Corporation |
|
48 / 168 page ![]() 2–36 Altera Corporation Cyclone II Device Handbook, Volume 1 February 2007 Embedded Multipliers Embedded Multiplier Routing Interface The R4, C4, and direct link interconnects from adjacent LABs drive the embedded multiplier row interface interconnect. The embedded multipliers can communicate with LABs on either the left or right side through these row resources or with LAB columns on either the right or left with the column resources. Up to 16 direct link input connections to the embedded multiplier are possible from the left adjacent LABs and another 16 possible from the right adjacent LAB. Embedded multiplier outputs can also connect to left and right LABs through 18 direct link interconnects each. Figure 2–19 shows the embedded multiplier to logic array interface. Figure 2–19. Embedded Multiplier LAB Row Interface LAB LAB Row Interface Block Embedded Multiplier 16 [35..0] [35..0] Embedded Multiplier to LAB Row Interface Block Interconnect Region 36 Inputs per Row 36 Outputs per Row R4 Interconnects C4 Interconnects C4 Interconnects Direct Link Interconnect from Adjacent LAB 18 Direct Link Outputs to Adjacent LABs Direct Link Interconnect from Adjacent LAB 18 18 36 36 Control 5 18 18 16 LAB Block Interconect Region LAB Block Interconect Region |