| データシートサーチシステム |
|
ADP5585ACPZ-00-R7 データシート(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5585ACPZ-00-R7 データシート(HTML) 29 Page - Analog Devices |
|
29 / 40 page ![]() Data Sheet ADP5585 Rev. C | Page 29 of 40 GPO_DATA_OUT_B Register 0x24 Table 44. GPO_DATA_OUT_B Bit Descriptions Bit(s) Bit Name Access Description 7 to 5 N/A Reserved. 4 GPO_11_DATA Read/write 0 = sets output low. 1 = sets output high. 3 GPO_10_DATA Read/write 0 = sets output low. 1 = sets output high. 2 GPO_9_DATA Read/write 0 = sets output low. 1 = sets output high. 1 GPO_8_DATA Read/write 0 = sets output low. 1 = sets output high. 0 GPO_7_DATA Read/write 0 = sets output low. 1 = sets output high. GPO_OUT_MODE_A Register 0x25 Table 45. Register 0x25, GPO_OUT_MODE_A Bit Descriptions Bit(s) Bit Name Access Description 7 to 6 N/A Reserved. 5 GPO_6_OUT_MODE Read/write (Reserved except for ADP5585AC_Z-01-R7 options) 0 = push/pull. 1 = open drain. 4 GPO_5_OUT_MODE Read/write 0 = push/pull. 1 = open drain. 3 GPO_4_OUT_MODE Read/write 0 = push/pull. 1 = open drain. 2 GPO_3_ OUT_MODE Read/write 0 = push/pull. 1 = open drain. 1 GPO_2_OUT_MODE Read/write 0 = push/pull. 1 = open drain. 0 GPO_1_OUT_MODE Read/write 0 = push/pull. 1 = open drain. GPO_OUT_MODE_B Register 0x26 Table 46. Register 0x26, GPO_OUT_MODE_B Bit Descriptions Bit(s) Bit Name Access Description 7 to 5 N/A Reserved. 4 GPO_11_OUT_MODE Read/write 0 = push/pull. 1 = open drain. 3 GPO_10_OUT_MODE Read/write 0 = push/pull. 1 = open drain. 2 GPO_9_OUT_MODE Read/write 0 = push/pull. 1 = open drain. 1 GPO_8_OUT_MODE Read/write 0 = push/pull. 1 = open drain. 0 GPO_7_OUT_MODE Read/write 0 = push/pull. 1 = open drain. |