| データシートサーチシステム |
|
ADP5585ACBZ-01-R7 データシート(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5585ACBZ-01-R7 データシート(HTML) 28 Page - Analog Devices |
|
28 / 40 page ![]() ADP5585 Data Sheet Rev. C | Page 28 of 40 DEBOUNCE_DIS_A Register 0x21 Table 41. DEBOUNCE_DIS_A Bit Descriptions Bit(s) Bit Name Access Description 7 to 6 N/A Reserved. 5 GPI_6_DEB_DIS Read/write (Reserved except for ADP5585AC_Z-01-R7 options) 0 = debounce enabled on GPI 6. 1 = debounce disabled on GPI 6. 4 GPI_5_DEB_DIS Read/write 0 = debounce enabled on GPI 5. 1 = debounce disabled on GPI 5. 3 GPI_4_DEB_DIS Read/write 0 = debounce enabled on GPI 4. 1 = debounce disabled on GPI 4. 2 GPI_3_DEB_DIS Read/write 0 = debounce enabled on GPI 3. 1 = debounce disabled on GPI 3. 1 GPI_2_DEB_DIS Read/write 0 = debounce enabled on GPI 2. 1 = debounce disabled on GPI 2. 0 GPI_1_DEB_DIS Read/write 0 = debounce enabled on GPI 1. 1 = debounce disabled on GPI 1. DEBOUNCE_DIS_B Register 0x22 Table 42. DEBOUNCE_DIS_B Bit Descriptions Bit(s) Bit Name Access Description 7 to 5 N/A Reserved. 4 GPI_11_DEB_DIS Read/write 0 = debounce enabled on GPI 11. 1 = debounce disabled on GPI 11. 3 GPI_10_DEB_DIS Read/write 0 = debounce enabled on GPI 10. 1 = debounce disabled on GPI 10. 2 GPI_9_DEB_DIS Read/write 0 = debounce enabled on GPI 9. 1 = debounce disabled on GPI 9. 1 GPI_8_DEB_DIS Read/write 0 = debounce enabled on GPI 8. 1 = debounce disabled on GPI 8. 0 GPI_7_DEB_DIS Read/write 0 = debounce enabled on GPI 7. 1 = debounce disabled on GPI 7. GPO_DATA_OUT_A Register 0x23 Table 43. GPO_DATA_OUT_A Bit Descriptions Bit(s) Bit Name Access Description 7 to 6 N/A Reserved. 5 GPO_6_DATA Read/write (Reserved except for ADP5585AC_Z-01-R7 options) 0 = sets output low. 1 = sets output high. 4 GPO_5_DATA Read/write 0 = sets output low. 1 = sets output high. 3 GPO_4_DATA Read/write 0 = sets output low. 1 = sets output high. 2 GPO_3_DATA Read/write 0 = sets output low. 1 = sets output high. 1 GPO_2_DATA Read/write 0 = sets output low. 1 = sets output high. 0 GPO_1_DATA Read/write 0 = sets output low. 1 = sets output high. |