| データシートサーチシステム |
|
ADP5585ACPZ-03-R7 データシート(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5585ACPZ-03-R7 データシート(HTML) 23 Page - Analog Devices |
|
23 / 40 page ![]() Data Sheet ADP5585 Rev. C | Page 23 of 40 Bit(s) Bit Name Access Description 2 GPI_9_INT Read only 0 = no interrupt. 1 = interrupt due to GPI_9 (C2 pin). Cleared on read. 1 GPI_8_INT Read only 0 = no interrupt. 1 = interrupt due to GPI_8 (C1 pin). Cleared on read. 0 GPI_7_INT Read only 0 = no interrupt. 1 = interrupt due to GPI_7 (C0 pin). Cleared on read. GPI_STATUS_A Register 0x15 Table 29. GPI_STATUS_A Bit Descriptions Bit(s) Bit Name Access Description 7 to 6 N/A Reserved. 5 GPI_6_STAT Read only 0 = GPI_6 (R5 pin) is low. 1 = GPI_6 (R5 pin) is high. 4 GPI_5_STAT Read only 0 = GPI_5 (R4 pin) is low. 1 = GPI_5 (R4 pin) is high. 3 GPI_4_STAT Read only 0 = GPI_4 (R3 pin) is low. 1 = GPI_4 (R3 pin) is high. 2 GPI_3_STAT Read only 0 = GPI_3 (R2 pin) is low. 1 = GPI_3 (R2 pin) is high. 1 GPI_2_STAT Read only 0 = GPI_2 (R1 pin) is low. 1 = GPI_2 (R1 pin) is high. 0 GPI_1_STAT Read only 0 = GPI_1 (R0 pin) is low. 1 = GPI_1 (R0 pin) is high. GPI_STATUS_B Register 0x16 Table 30. Register 0x16, GPI_STATUS_B Bit Descriptions Bit(s) Bit Name Access Description 7 to 5 N/A Reserved. 4 GPI_11_STAT Read only 0 = GPI_11 (C4 pin) is low. 1 = GPI_11 (C4 pin) is high. 3 GPI_10_STAT Read only 0 = GPI_10 (C3 pin) is low. 1 = GPI_10 (C3 pin) is high. 2 GPI_9_STAT Read only 0 = GPI_9 (C2 pin) is low. 1 = GPI_9 (C2 pin) is high. 1 GPI_8_STAT Read only 0 = GPI_8 (C1 pin) is low. 1 = GPI_8 (C1 pin) is high. 0 GPI_7_STAT Read only 0 = GPI_7 (C0 pin) is low. 1 = GPI_7 (C0 pin) is high. |