| データシートサーチシステム |
|
2SC5706 データシート(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SC5706 データシート(HTML) 2 Page - ON Semiconductor |
|
2 / 10 page ![]() 2SA2039 / 2SC5706 No.6912-2/10 Continued from preceding page. Parameter Symbol Conditions Ratings Unit Base Current IB (--)1.2 A Collector Dissipation PC 0.8 W Tc=25°C15 W Junction Temperature Tj 150 °C Storage Temperature Tstg --55 to +150 °C Electrical Characteristics at Ta=25°C Parameter Symbol Conditions Ratings Unit min typ max Collector Cutoff Current ICBO VCB=(--)40V, IE=0A (--)1 μA Emitter Cutoff Current IEBO VEB=(--)4V, IC=0A (--)1 μA DC Current Gain hFE VCE=(--)2V, IC=(--)500mA 200 560 Gain-Bandwidth Product fT VCE=(--)10V, IC=(--)500mA (360)400 MHz Output Capacitance Cob VCB=(--)10V, f=1MHz (24)15 pF Collector-to-Emitter Saturation Voltage VCE(sat)1 IC=(--)1A, IB=(--)50mA (--115)90 (--195)135 mV VCE(sat)2 IC=(--)2A, IB=(--)100mA (--255)160 (--430)240 mV Base-to-Emitter Saturation Voltage VBE(sat) VCE=(--)2V, IB=(--)100mA (--)0.89 (--)1.2 V Collector-to-Base Breakdown Voltage V(BR)CBO IC=(--)10μA, IE=0A (--50)100 V Collector-to-Emitter Breakdown Voltage V(BR)CES IC=(--)100μA, RBE=0Ω (--50)100 V Collector-to-Emitter Breakdown Voltage V(BR)CEO IC=(--)1mA, RBE=∞ (--)50 V Emitter-to-Base Breakdown Voltage V(BR)EBO IE=(--)10μA, IC=0A (--)6 V Turn-On Time ton See specified Test Circuit. (30)35 ns Storage Time tstg (230)300 ns Fall Time tf (15)20 ns Switching Time Test Circuit Ordering Information Device Package Shipping memo 2SA2039-E TP 500pcs./bag Pb Free 2SC5706-E TP 500pcs./bag 2SC5706-H TP 500pcs./bag Pb Free & Halogen Free 2SA2039-TL-E TP-FA 700pcs./reel Pb Free 2SC5706-TL-E TP-FA 700pcs./reel 2SC5706-TL-H TP-FA 700pcs./reel Pb Free & Halogen Free VR10 25Ω VCC=25V VBE= --5V IC=10IB1= --10IB2=1A + + 50Ω INPUT OUTPUT RB 100μF 470μF PW=20μs IB1 IB2 D.C.≤1% For PNP, the polarity is reversed. Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |