データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM6320CW33-ARJZ-R7 データシート(PDF) 12 Page - Analog Devices

部品番号 ADM6320CW33-ARJZ-R7
部品情報  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM6320CW33-ARJZ-R7 データシート(HTML) 12 Page - Analog Devices

Back Button ADM6320CW33-ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6320CW33-ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6320CW33-ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6320CW33-ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6320CW33-ARJZ-R7 Datasheet HTML 12Page - Analog Devices ADM6320CW33-ARJZ-R7 Datasheet HTML 13Page - Analog Devices ADM6320CW33-ARJZ-R7 Datasheet HTML 14Page - Analog Devices ADM6320CW33-ARJZ-R7 Datasheet HTML 15Page - Analog Devices ADM6320CW33-ARJZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Data Sheet
Rev. F | Page 12 of 16
Table 8. Standard Models
Model
Reset Threshold (V)
Minimum Reset Timeout (ms)
Typical Watchdog Timeout (sec)
ADM6316CW25-ARJZ-R7
2.5
140
0.0063
ADM6316DZ26-ARJ-RL7
2.63
1120
25.6
ADM6316DZ26-ARJZ-R7
2.63
1120
25.6
ADM6316AY27-ARJZ-R7
2.7
1
1.6
ADM6316AY29-ARJZ-R7
2.93
1
1.6
ADM6316AZ29ARJZ-R7
2.93
1
25.6
ADM6316CY29-ARJ-RL7
2.93
140
1.6
ADM6316CY29-ARJZ-R7
2.93
140
1.6
ADM6316BX30-ARJZ-R7
3
20
0.102
ADM6316DZ31-ARJ-RL7
3.08
1120
25.6
ADM6316DZ31-ARJZ-R7
3.08
1120
25.6
ADM6316BX46-ARJZ-R7
4.63
20
0.102
ADM6316CY26ARJZ-R7
2.63
140
1.6
ADM6316CY46-ARJ-RL7
4.63
140
1.6
ADM6316CY46-ARJZ-R7
4.63
140
1.6
ADM6318CZ28-ARJ-RL7
2.8
140
25.6
ADM6318CZ28-ARJZ-R7
2.8
140
25.6
ADM6318CY29-ARJZ-R7
2.93
140
1.6
ADM6318CY45-ARJZ-R7
4.5
140
1.6
ADM6318CY46-ARJ-RL7
4.63
140
1.6
ADM6318CY46-ARJZ-R7
4.63
140
1.6
ADM6318BX49-ARJZ-R7
4.9
20
0.102
ADM6319C29-ARJ-RL7
2.93
140
N/A
ADM6319C29-ARJZ-RL7
2.93
140
N/A
ADM6319B25ARJZ-R7
2.5
20
n/A
ADM6319B31-ARJZ-RL7
3.08
20
N/A
ADM6319C46-ARJ-RL7
4.63
140
N/A
ADM6319C46-ARJZ-RL7
4.63
140
N/A
ADM6320CZ27-ARJZ-R7
2.7
140
25.6
ADM6320CX29-ARJZ-R7
2.93
140
0.102
ADM6320CY29-ARJ-RL7
2.93
140
1.6
ADM6320CY29-ARJZ-R7
2.93
140
1.6
ADM6320CZ29-ARJ-RL7
2.93
140
25.6
ADM6320CZ29-ARJZ-R7
2.93
140
25.6
ADM6320BX33-ARJZ-R7
3.3
140
0.102
ADM6320CW33-ARJZ-R7
3.3
20
0.0063
ADM6320BX45-ARJZ-R7
4.5
20
0.102
ADM6320CY46-ARJ-RL7
4.63
140
1.6
ADM6320CY46-ARJZ-R7
4.63
140
1.6
ADM6321BZ25-ARJZ-R7
2.5
20
25.6
ADM6321AY30ARJZ-R7
3
1
1.6
ADM6321AY31ARJZ-R7
3.08
1
1.6
ADM6321AY43-ARJZ-R7
4.3
1
1.6
ADM6321CY46-ARJ-RL7
4.63
140
1.6
ADM6321CY46-ARJZ-R7
4.63
140
1.6
ADM6322C29ARJZ-RL7
2.93
140
N/A
ADM6322C46-ARJ-RL7
4.63
140
N/A
ADM6322C46-ARJZ-RL7
4.63
140
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16