| データシートサーチシステム |
|
AD8628WAUJZ-R7 データシート(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8628WAUJZ-R7 データシート(HTML) 11 Page - Analog Devices |
|
11 / 24 page ![]() AD8628/AD8629/AD8630 Rev. I | Page 11 of 24 FREQUENCY (Hz) 5.5 2.5 3.0 3.5 4.0 4.5 5.0 2.0 1.5 1.0 0.5 0 100 1k 10k 100k 1M VS = 5V RL = 10kΩ TA = 25°C AV = 1 Figure 35. Maximum Output Swing vs. Frequency TIME (µs) 0.60 0.45 0.30 0.15 –0.15 –0.30 –0.45 0 –0.60 0 1 2 3 4 5678 9 10 VS = 2.7V Figure 36. 0.1 Hz to 10 Hz Noise TIME (µs) 0.60 0.45 0.30 0.15 –0.15 –0.30 –0.45 0 –0.60 0 1 2 3 4 5678 9 10 VS = 5V Figure 37. 0.1 Hz to 10 Hz Noise FREQUENCY (kHz) 120 105 90 75 45 30 15 60 0 0 0.5 1.0 1.5 2.0 2.5 VS = 2.7V NOISE AT 1kHz = 21.3nV Figure 38. Voltage Noise Density at 2.7 V from 0 Hz to 2.5 kHz FREQUENCY (kHz) 120 105 90 75 45 30 15 60 0 0 5 10 15 20 25 VS = 2.7V NOISE AT 10kHz = 42.4nV Figure 39. Voltage Noise Density at 2.7 V from 0 Hz to 25 kHz FREQUENCY (kHz) 120 105 90 75 45 30 15 60 0 0 0.5 1.0 1.5 2.0 2.5 VS = 5V NOISE AT 1kHz = 22.1nV Figure 40. Voltage Noise Density at 5 V from 0 Hz to 2.5 kHz |