| データシートサーチシステム |
|
ADP7105ARDZ-1.8-R7 データシート(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP7105ARDZ-1.8-R7 データシート(HTML) 12 Page - Analog Devices |
|
12 / 28 page ![]() ADP7105 Data Sheet Rev. 0 | Page 12 of 28 Figure 35. Power Supply Rejection Ratio vs. Frequency, VOUT = 3.3 V, VIN = 4.8 V Figure 36. Power Supply Rejection Ratio vs. Frequency, VOUT = 3.3 V, VIN = 4.3 V Figure 37. Power Supply Rejection Ratio vs. Frequency, VOUT = 3.3 V, VIN = 3.8 V Figure 38. Power Supply Rejection Ratio vs. Frequency, VOUT = 5 V, VIN = 6.5 V Figure 39. Power Supply Rejection Ratio vs. Frequency, VOUT = 5 V, VIN = 6 V Figure 40. Power Supply Rejection Ratio vs. Frequency, VOUT = 5 V, VIN = 5.5 V –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 10 100 1k 10k 100k 1M 10M FREQUENCY (Hz) LOAD = 500mA LOAD = 300mA LOAD = 100mA LOAD = 10mA LOAD = 1mA –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 10 100 1k 10k 100k 1M 10M FREQUENCY (Hz) LOAD = 500mA LOAD = 300mA LOAD = 100mA LOAD = 10mA LOAD = 1mA –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 10 100 1k 10k 100k 1M 10M FREQUENCY (Hz) LOAD = 500mA LOAD = 300mA LOAD = 100mA LOAD = 10mA LOAD = 1mA –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 FREQUENCY (Hz) 10 100 1k 10k 100k 1M 10M LOAD = 500mA LOAD = 300mA LOAD = 100mA LOAD = 10mA LOAD = 1mA –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 FREQUENCY (Hz) 10 100 1k 10k 100k 1M 10M LOAD = 500mA LOAD = 300mA LOAD = 100mA LOAD = 10mA LOAD = 1mA –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 10 100 1k 10k 100k 1M 10M FREQUENCY (Hz) LOAD = 500mA LOAD = 300mA LOAD = 100mA LOAD = 10mA LOAD = 1mA |