| データシートサーチシステム |
|
HER201 データシート(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
HER201 データシート(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd. |
|
2 / 2 page ![]() 2 RATINGS AND CHARACTERISTIC CURVES HER201 THRU HER208 FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 0.10 1.00 10.00 0.01 0.4 0.2 0 0.6 0.8 1.0 1.2 1.4 1.8 1.6 PULSE WIDTH=300uS 1% DUTY CYCLE INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.4 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT NUMBER OF CYCLES AT 60Hz 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 10 20 30 40 50 60 1 10 100 FIG.5 - TYPICAL REVERSE CHARACTERISTICS 0.01 0.1 1.0 100 10 PERCENT OF RATED PEAK REVERSE VOLTAGE,% 0 20 40 60 80 100 120 140 FIG.6 - TYPICAL JUNCTION CAPACITANCE TJ = 25 oC TJ = 25 oC TJ = 25 oC TJ = 100 oC TJ = 150 oC REVERSE VOLTAGE, VOLTS .1 1 40 200 .2 .4 1.0 2 4 10 20 40 100 2 4 10 6 20 60 100 FIG.1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS 50 NONINDUCTIVE 1 NON- INDUCTIVE 10 NONINDUCTIVE ( + ) 25 Vdc ( approx ) ( - ) OSCILLOSCOPE ( NOTE 1 ) PULSE GENERATOR ( NOTE 2 ) D.U.T. ( - ) ( + ) NOTES : 1. Rise Time = 7ns max. Input Impedance= 1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance= 50 ohms. trr +0.5A -0.25A 0 -1.0A SET TIME BASE FOR 10/20 ns/cm FIG.2 - FORWARD CURRENT DERATING CURVE 3.0 2.5 2.0 1.5 1.0 0.5 0 0 25 50 75 100 125 150 175 Single Phase Half Wave 60Hz Resistive or Inductive Load AMBIENT TEMPERATURE, oC 0.375" (9.5mm) LEAD LENGTH HER206~HER208 HER201~HER205 GAOMI XINGHE ELECTRONICSCO.,LTD. WWW.SDDZG.COM TEL:0536-2210359 QQ:464768017 |