| データシートサーチシステム |
|
DAC8043AFSZ3 データシート(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8043AFSZ3 データシート(HTML) 2 Page - Analog Devices |
|
2 / 8 page ![]() REV. B –2– DAC8043A–SPECIFICATIONS Parameter Symbol Condition E Grade F Grade Unit STATIC PERFORMANCE Resolution N 12 12 Bits Relative Accuracy INL ±0.5 ±1.0 LSB max Differential Nonlinearity DNL All Grades Monotonic to 12 Bits ±0.5 ±1.0 LSB max Gain Error 1 GFSE TA = 25 °C, Data = FFF H ±1.0 ±2.0 LSB max TA = –40 °C, +85°C, Data = FFF H ±2.0 ±2.0 LSB max Gain Tempco 2 TCGFS IOUT Pin Measured ±5 ±5 ppm/ °C max Output Leakage Current ILKG Data = 000H, IOUT Pin Measured ±5 ±5 nA max TA = –40 °C, +85°C, Data = 000 H, IOUT Pin Measured ±25 ±25 nA max Zero-Scale Error 3 IZSE Data = 000H 0.03 0.03 LSB max TA = –40 °C, +85°C, Data = 000 H 0.15 0.15 LSB max REFERENCE INPUT Input Resistance RREF Absolute Tempco < 50 ppm/ °C 7/15 7/15 k Ω min/max Input Capacitance 2 CREF 55 pF typ ANALOG OUTPUT Output Capacitance 2 COUT Data = 000H 25 25 pF typ Data = FFFH 30 30 pF typ DIGITAL INPUTS Digital Input Low VIL 0.8 0.8 V max Digital Input High VIH 2.4 2.4 V min Input Leakage Current IIL VLOGIC = 0 V to 5 V 0.001/ ±1 0.001/±1 µA typ/max Input Capacitance 2 CIL VLOGIC = 0 V 10 10 pF max INTERFACE TIMING 2, 4 Data Setup tDS 10 10 ns min Data Hold tDH 55 ns min Clock Width High tCH 25 25 ns min Clock Width Low tCL 25 25 ns min Load Pulsewidth tLD 25 25 ns min LSB CLK to LD DAC tASB 00 ns min AC CHARACTERISTICS 1, 2 Output Current Settling Time tS To ±0.01% of Full Scale, Ext Op Amp OP42 1 1 µs max DAC Glitch Q Data = 000H to FFFH to 000H, VREF = 0 V 20 20 nVs max Feedthrough (VOUT/VREF)FT VREF = 20 V p-p, Data = 000H, f = 10 kHz 1 1 mV p-p Total Harmonic Distortion THD VREF = 6 V rms, Data = FFFH, f = 1 kHz –85 –85 dB typ Output Noise Density 5 en 10 Hz to 100 kHz Between RFB and IOUT 17 17 nV/ √Hz max Multiplying Bandwidth BW –3 dB, VOUT/VREF, VREF = 100 mV rms, Data = FFFH 2.4 2.4 MHz typ SUPPLY CHARACTERISTICS Power Supply Range VDD RANGE 4.5/5.5 4.5/5.5 V min/max Positive Supply Current IDD VLOGIC = 0 V or VDD 10 10 µA max Power Dissipation PDISS VLOGIC = 0 V or VDD 50 50 µW max Power Supply Sensitivity PSS ∆V DD = ±5% 0.002 0.002 %/% max NOTES 1Using internal feedback resistor R FB, see Figure 19 test circuit with VREF = 10 V. 2These parameters are guaranteed by design and not subject to production testing. 3Calculated from worst case R REF: IZSE(LSB) = (RREF × I LKG × 4096)/V REF. 4All input control signals are specified with t R = tF = 2 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. 5Calculation from e n = √4KTRB where: K = Boltzmann Constant (J/°K), R = Resistance (Ω), T = Resistor Temperature (°K), B = 1 Hz Bandwidth. Specifications subject to change without notice. ELECTRICAL CHARACTERISTICS (@ V DD = 5 V, VREF = 10 V, –40 C < TA < +85 C, unless otherwise noted.) |