| データシートサーチシステム |
|
JS-246 データシート(PDF) 5 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
JS-246 データシート(HTML) 5 Page - Honeywell Solid State Electronics Center |
|
5 / 7 page ![]() Basic Switches SM Series Subminiature For application help: call 1-800-537-6945. Honeywell Sensing and Control 29 ORDER GUIDE INTEGRAL LEAF Electrical Data And O.F. max. R.F. min. P.T. max. O.T. min. D.T. max. O.P. Catalog UL Code newtons newtons mm mm mm mm Listing Recommended For Page 20 ounces ounces inches inches inches inches 111SM1-T Force and stability of 5 Amps 1,95 0,56 5,54 0,76 0,76 8,89 ±0,76 flexible leaf actuator J 7 2 .218 .030 .030 .350 ±.030 111SM17-T As above with gold 1 Amp 1,95 0,56 5,54 0,76 0,76 8,89 ±0,76 contacts N 7 2 .218 .030 .030 .350 ±.030 Dim. Dwg. Fig. 11 111SM2-T Flexible leaf with roller 5 Amps 1,95 0,56 5,56 0,76 0,64 14,3 ±0,76 J 7 2 .219 .030 .025 .562 ±.030 111SM23-T As above with gold 1 Amp 1,95 0,56 5,56 0,76 0,64 14,3 ±0,76 contacts N 7 2 .219 .030 .025 .562 ±.030 Dim. Dwg. Fig. 12 |