| データシートサーチシステム |
|
2015698-2 データシート(PDF) 9 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
2015698-2 データシート(HTML) 9 Page - Tyco Electronics |
|
9 / 10 page ![]() Application Notes UMCC – Ultraminiature Coax Connector & Cable Assembly Series Page 9 Recommended Temperature Profile (Reference) 1) The preferred technique for mounting the SMT Receptacle package is to reflow solder the device onto a PCB (Printed Circuit Board). 2) The maximum temperature for the lead of PCB surface does not exceed 240 . 3) The right reflow soldering profile is for reference and will modify under individual different conditions. Hand Soldering (Reference only) 1) Soldering iron: The maximum temperature 240 . 2) Soldering period: within 5 seconds. Soldering Profile - SMT Receptacle Standard Receptacles 2.0+0.1 1.75 5.5 12.0 4.0+0.1 1.50 CENTERCONTACT 0.30 1.60 8.0 DIMENSIONS OF TAPING 330 1.4 13.0 DIMENSIONS REEL (2500 PIECES/REEL) Tape and Reel Packaging Specifications |