| データシートサーチシステム |
|
AS2525Q データシート(PDF) 23 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS2525Q データシート(HTML) 23 Page - ams AG |
|
23 / 28 page ![]() Datasheet AS2525 austriamicrosystems Revision 2.1 Page 22 of 27 Tone Ringer Symbol Parameter Conditions Min. Typ. Max. Units F1 F2 F3 Frequency 1 Frequency 2 Frequency 3 770 1025 1280 800 1067 1333 830 1110 1385 Hz Hz Hz tDT Detection Time Initial 100 ms fMIN Min. Detection Frequency 12 13 14 Hz fMAX Max. Detection Frequency 68 70 75 Hz Pacifier Tone Symbol Parameter Conditions Min. Typ. Max. Units VPARO Tone Output Level, RO Tone Output Level, LO1/2 RL = 150 RL = 32 30 300 mVP-P mVP-P fPT Frequency Key entry 1333 Hz tTBD Tone Burst Duration Key entry Acknowledge, terminate PG mode Rejection, invalid key entry 40 140 4x40 ms ms ms tITP Inter-Tone Pause 80 ms |