| データシートサーチシステム |
|
32GA002 データシート(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
32GA002 データシート(HTML) 26 Page - Microchip Technology |
|
26 / 268 page ![]() PIC24FJ64GA004 FAMILY DS39881D-page 26 2010 Microchip Technology Inc. FIGURE 3-1: PIC24F CPU CORE BLOCK DIAGRAM Instruction Decode & Control PCH PCL 16 Program Counter 16-Bit ALU 23 23 24 23 Data Bus Instruction Reg 16 16 x 16 W Register Array Divide Support ROM Latch 16 EA MUX RAGU WAGU 16 16 8 Interrupt Controller PSV & Table Data Access Control Block Stack Control Logic Loop Control Logic Data Latch Data RAM Address Latch Control Signals to Various Blocks Program Memory Data Latch Address Bus 16 16 16 Hardware Multiplier 16 To Peripheral Modules Address Latch |