| データシートサーチシステム |
|
48GA002 データシート(PDF) 90 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
48GA002 データシート(HTML) 90 Page - Microchip Technology |
|
90 / 268 page ![]() PIC24FJ64GA004 FAMILY DS39881D-page 90 2010 Microchip Technology Inc. REGISTER 7-28: IPC15: INTERRUPT PRIORITY CONTROL REGISTER 15 U-0 U-0 U-0 U-0 U-0 R/W-1 R/W-0 R/W-0 — — — — — RTCIP2 RTCIP1 RTCIP0 bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-11 Unimplemented: Read as ‘0’ bit 10-8 RTCIP2:RTCIP0: Real-Time Clock/Calendar Interrupt Priority bits 111 = Interrupt is priority 7 (highest priority interrupt) • • • 001 = Interrupt is priority 1 000 = Interrupt source is disabled bit 7-0 Unimplemented: Read as ‘0’ |