| データシートサーチシステム |
|
MCP6042T-E/MS データシート(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6042T-E/MS データシート(HTML) 10 Page - Microchip Technology |
|
10 / 40 page ![]() MCP6041/2/3/4 DS21669D-page 10 2001-2013 Microchip Technology Inc. Note: Unless otherwise indicated, T A =+25°C, VDD = +1.4V to +6.0V, VSS = GND, VCM =VDD/2, VOUT VDD/2, VL =VDD/2, RL =1 M to VL, and CL =60pF. FIGURE 2-31: Large Signal Non-inverting Pulse Response. FIGURE 2-32: Chip Select (CS) to Amplifier Output Response Time (MCP6043 only). FIGURE 2-33: Input Current vs. Input Voltage (below VSS). FIGURE 2-34: Large Signal Inverting Pulse Response. FIGURE 2-35: Chip Select (CS) Hysteresis (MCP6043 only). 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 01234567 89 10 Time (1 ms/div) VDD = 5.0V G = +1 V/V RL = 50 kΩ -20.0 -17.5 -15.0 -12.5 -10.0 -7.5 -5.0 -2.5 0.0 2.5 5.0 7.5 0 123456789 10 Time (1 ms/div) -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VDD = 5.0V VOUT High-Z High-Z Output On CS 1.E-12 1.E-11 1.E-10 1.E-09 1.E-08 1.E-07 1.E-06 1.E-05 1.E-04 1.E-03 1.E-02 -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 Input Voltage (V) +125°C +85°C +25°C -40°C 10m 1m 100µ 10µ 1µ 100n 10n 1n 100p 10p 1p 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 012 3456 789 10 Time (1 ms/div) VDD = 5.0V G = -1 V/V RL = 50 kΩ -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 CS Input Voltage (V) VOUT Active VOUT High-Z VDD = 5.0V Hysteresis CS High-to-Low CS Low-to-High |