| データシートサーチシステム |
|
MCP4441 データシート(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4441 データシート(HTML) 14 Page - Microchip Technology |
|
14 / 100 page ![]() MCP444X/446X DS22265A-page 14 © 2010 Microchip Technology Inc. FIGURE 1-3: I2C Bus Data Timing. 90 91 92 100 101 103 106 107 109 109 110 102 SCL SDA In SDA Out TABLE 1-3: I2C BUS DATA REQUIREMENTS (SLAVE MODE) I2C AC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40 °C ≤ TA ≤ +125°C (Extended) Operating Voltage VDD range is described in AC/DC characteristics Param. No. Sym Characteristic Min Max Units Conditions 100 THIGH Clock high time 100 kHz mode 4000 — ns 1.8V-5.5V 400 kHz mode 600 — ns 2.7V-5.5V 1.7 MHz mode 120 ns 4.5V-5.5V 3.4 MHz mode 60 — ns 4.5V-5.5V 101 TLOW Clock low time 100 kHz mode 4700 — ns 1.8V-5.5V 400 kHz mode 1300 — ns 2.7V-5.5V 1.7 MHz mode 320 ns 4.5V-5.5V 3.4 MHz mode 160 — ns 4.5V-5.5V Note 1: As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions. 2: A fast-mode (400 kHz) I2C-bus device can be used in a standard-mode (100 kHz) I2C-bus system, but the requirement tSU;DAT ≥ 250 ns must then be met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line TR max.+tSU;DAT = 1000 + 250 = 1250 ns (according to the standard-mode I2C bus specification) before the SCL line is released. 3: The MCP44X1/MCP44X2 device must provide a data hold time to bridge the undefined part between VIH and VIL of the falling edge of the SCL signal. This specification is not a part of the I2C specification, but must be tested in order to ensure that the output data will meet the setup and hold specifications for the receiving device. 4: Use Cb in pF for the calculations. 5: Not Tested. 6: A Master Transmitter must provide a delay to ensure that difference between SDA and SCL fall times do not unintentionally create a Start or Stop condition. 7: Ensured by the TAA 3.4 MHz specification test. |