データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS500T-I/SM データシート(PDF) 27 Page - Microchip Technology

部品番号 HCS500T-I/SM
部品情報  KEELOQ Code Hopping Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500T-I/SM データシート(HTML) 27 Page - Microchip Technology

Back Button HCS500T-I/SM Datasheet HTML 23Page - Microchip Technology HCS500T-I/SM Datasheet HTML 24Page - Microchip Technology HCS500T-I/SM Datasheet HTML 25Page - Microchip Technology HCS500T-I/SM Datasheet HTML 26Page - Microchip Technology HCS500T-I/SM Datasheet HTML 27Page - Microchip Technology HCS500T-I/SM Datasheet HTML 28Page - Microchip Technology HCS500T-I/SM Datasheet HTML 29Page - Microchip Technology HCS500T-I/SM Datasheet HTML 30Page - Microchip Technology HCS500T-I/SM Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
© 2002 Microchip Technology Inc.
DS40153C-page 27
HCS500
9.2
Package Details
8-Lead Plastic Dual In-line (P) - 300 mil (PDIP)
B1
B
A1
A
L
A2
p
α
E
eB
β
c
E1
n
D
1
2
Units
INCHES*
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
Number of Pins
n
88
Pitch
p
.100
2.54
Top to Seating Plane
A
.140
.155
.170
3.56
3.94
4.32
Molded Package Thickness
A2
.115
.130
.145
2.92
3.30
3.68
Base to Seating Plane
A1
.015
0.38
Shoulder to Shoulder Width
E
.300
.313
.325
7.62
7.94
8.26
Molded Package Width
E1
.240
.250
.260
6.10
6.35
6.60
Overall Length
D
.360
.373
.385
9.14
9.46
9.78
Tip to Seating Plane
L
.125
.130
.135
3.18
3.30
3.43
Lead Thickness
c
.008
.012
.015
0.20
0.29
0.38
Upper Lead Width
B1
.045
.058
.070
1.14
1.46
1.78
Lower Lead Width
B
.014
.018
.022
0.36
0.46
0.56
Overall Row Spacing
§
eB
.310
.370
.430
7.87
9.40
10.92
Mold Draft Angle Top
α
510
15
5
10
15
Mold Draft Angle Bottom
β
510
15
5
10
15
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
JEDEC Equivalent: MS-001
Drawing No. C04-018
.010” (0.254mm) per side.
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34