| データシートサーチシステム |
|
MCP602T-E/ST データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP602T-E/ST データシート(HTML) 11 Page - Microchip Technology |
|
11 / 34 page ![]() © 2007 Microchip Technology Inc. DS21314G-page 11 MCP601/1R/2/3/4 3.0 PIN DESCRIPTIONS Descriptions of the pins are listed in Table 3-1 (single op amps) and Table 3-2 (dual and quad op amps). TABLE 3-1: PIN FUNCTION TABLE FOR SINGLE OP AMPS TABLE 3-2: PIN FUNCTION TABLE FOR DUAL AND QUAD OP AMPS 3.1 Analog Outputs The op amp output pins are low-impedance voltage sources. 3.2 Analog Inputs The op amp non-inverting and inverting inputs are high- impedance CMOS inputs with low bias currents. 3.3 Chip Select Digital Input This is a CMOS, Schmitt-triggered input that places the part into a low power mode of operation. 3.4 Power Supply Pins The positive power supply pin (VDD) is 2.5V to 6.0V higher than the negative power supply pin (VSS). For normal operation, the other pins are at voltages between VSS and VDD. Typically, these parts are used in a single (positive) supply configuration. In this case, VSS is connected to ground and VDD is connected to the supply. VDD will need bypass capacitors. MCP601 MCP601R MCP603 Symbol Description PDIP, SOIC, TSSOP SOT-23-5 SOT-23-5 (Note 1) SOT-23-6 PDIP, SOIC, TSSOP 61 1 6 6 VOUT Analog Output 24 4 2 2 VIN– Inverting Input 33 3 3 3 VIN+ Non-inverting Input 75 2 7 7 VDD Positive Power Supply 42 5 4 4 VSS Negative Power Supply —— — 8 8 CS Chip Select 1, 5, 8 — — 1, 5 1 NC No Internal Connection Note 1: The MCP601R is only available in the 5-pin SOT-23 package. MCP602 MCP604 Symbol Description PDIP, SOIC, TSSOP PDIP, SOIC, TSSOP 11 VOUTA Analog Output (op amp A) 22 VINA– Inverting Input (op amp A) 33 VINA+ Non-inverting Input (op amp A) 84 VDD Positive Power Supply 55 VINB+ Non-inverting Input (op amp B) 66 VINB– Inverting Input (op amp B) 77 VOUTB Analog Output (op amp B) —8 VOUTC Analog Output (op amp C) —9 VINC– Inverting Input (op amp C) —10 VINC+ Non-inverting Input (op amp C) 411 VSS Negative Power Supply —12 VIND+ Non-inverting Input (op amp D) —13 VIND– Inverting Input (op amp D) —14 VOUTD Analog Output (op amp D) |