| データシートサーチシステム |
|
HCS362T-I/SN データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS362T-I/SN データシート(HTML) 18 Page - Microchip Technology |
|
18 / 38 page ![]() HCS362 DS40189D-page 18 Preliminary © 2002 Microchip Technology Inc. TABLE 4-4: SEED_3 4.5.12 HEADER When PWM mode is selected the header length (low time between preamble and data bits start) can be set to 10 x TE or 3 x TE. The 10 x TE mode is recommended for compatibility with previous KEELOQ encoder mod- els. In Manchester mode, the header length is fixed and set to 4 x TE. 4.5.13 RFEN RFEN selects whether the RFEN output is enabled or disabled. If enabled, S3 is only sampled 2 s after the last button is released and at the start of the first trans- mission. If disabled S3 functions the same as the other S inputs. Bit Address Field Description Values 0 SEED_48 Seed Most Significant word — 1 SEED_49 2 SEED_50 ... ... 9 SEED_57 10 SEED_58 11 SEED_59 12 LED LED output timing 0 = VBOT>VLOW LED blink 200/800 ms VBOT<VLOW LED not blinking 1 = VBOT>VLOW LED blink 25/500 ms VBOT<VLOW LED blink once 13 MOD Modulation Format 0 = PWM 1 = MANCHESTER 14 RFEN RF Enable/S3 multiplexing 0 - Enabled (S3 only sensed 2 seconds after the last but- ton is released) 1 - Disabled (S3 same as other S inputs) 15 HEADER Header Length 0 = short Header, TH = 3 x TE 1 = standard Header, TH = 10 x TE |