| データシートサーチシステム |
|
DSPIC30F3010 データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F3010 データシート(HTML) 4 Page - Microchip Technology |
|
4 / 236 page ![]() dsPIC30F6010A/6015 DS70150C-page 2 © 2007 Microchip Technology Inc. Analog Features: • 10-bit Analog-to-Digital Converter (ADC) with 4 S/H Inputs: - 1 Msps conversion rate - 16 input channels - Conversion available during Sleep and Idle • Programmable Brown-out Reset Special Microcontroller Features: • Enhanced Flash program memory: - 10,000 erase/write cycle (min.) for industrial temperature range, 100K (typical) • Data EEPROM memory: - 100,000 erase/write cycle (min.) for industrial temperature range, 1M (typical) • Self-reprogrammable under software control • Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST) • Flexible Watchdog Timer (WDT) with on-chip, low-power RC oscillator for reliable operation • Fail-Safe Clock Monitor operation detects clock failure and switches to on-chip, low-power RC oscillator • Programmable code protection • In-Circuit Serial Programming™ (ICSP™) • Selectable Power Management modes - Sleep, Idle and Alternate Clock modes CMOS Technology: • Low-power, high-speed Flash technology • Wide operating voltage range (2.5V to 5.5V) • Industrial and Extended temperature ranges • Low-power consumption dsPIC30F Motor Control and Power Conversion Family* Device Pins Program Mem. Bytes/ Instructions SRAM Bytes EEPROM Bytes Timer 16-bit Input Cap Output Comp/Std PWM Motor Control PWM A/D 10-bit 1 Msps Quad Enc dsPIC30F2010 28 12K/4K 512 1024 3 4 2 6 ch 6 ch Yes 1 1 1 — dsPIC30F3010 28 24K/8K 1024 1024 5 4 2 6 ch 6 ch Yes 1 1 1 — dsPIC30F4012 28 48K/16K 2048 1024 5 4 2 6 ch 6 ch Yes 1 1 1 1 dsPIC30F3011 40/ 44 24K/8K 1024 1024 5 4 4 6 ch 9 ch Yes 2 1 1 — dsPIC30F4011 40/ 44 48K/16K 2048 1024 5 4 4 6 ch 9 ch Yes 2 1 1 1 dsPIC30F5015 64 66K/22K 2048 1024 5 4 4 8 ch 16 ch Yes 1 2 1 1 dsPIC30F5016 80 66K/22K 2048 1024 5 4 4 8 ch 16 ch Yes 1 2 1 1 dsPIC30F6010A 80 144K/48K 8192 4096 5 8 8 8 ch 16 ch Yes 2 2 1 2 dsPIC30F6015 64 144K/48K 8192 4096 5 8 8 8 ch 16 ch Yes 2 2 1 1 * This table provides a summary of the dsPIC30F peripheral features. Other available devices in the dsPIC30F Motor Control and Power Conversion Family are shown for feature comparison. |