| データシートサーチシステム |
|
DSPIC33FJ12GP201TE/SP データシート(PDF) 77 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12GP201TE/SP データシート(HTML) 77 Page - Microchip Technology |
|
77 / 242 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70264B-page 75 dsPIC33FJ12GP201/202 REGISTER 6-10: IEC4: INTERRUPT ENABLE CONTROL REGISTER 0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 U-0 — — — — — —U1EIE — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-2 Unimplemented: Read as ‘0’ bit 1 U1EIE: UART1 Error Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 0 Unimplemented: Read as ‘0’ |