| データシートサーチシステム |
|
USB-TO-GPIO データシート(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
USB-TO-GPIO データシート(HTML) 48 Page - Texas Instruments |
|
48 / 50 page ![]() www.ti.com B.21 Assert/Deassert CONTROL Lines Command and Response B.22 Poll PMBUS Signal Lines Command and Response Assert/Deassert CONTROL Lines Command and Response USB PACKET COMMAND BYTE 0 USB PACKET USB PACKET USB PACKET USB PACKET USB PACKET USB PACKET COMMENTS DESCRIPTION COMMAND BYTE 1 BYTE 2 BYTE 3 BYTE 4 BYTE 5 BYTES 6–63 CODE Bit logic 1 for Assert/Deassert Bit 0 for line 1, assert, CONTROL 0x0C …, bit logic 0 for Lines bit 4 for line 5 deassert USB PACKET COMMAND BYTE 0 USB PACKET USB PACKET USB PACKET USB PACKET USB PACKET USB PACKET COMMENTS DESCRIPTION COMMAND BYTE 1 BYTE 2 BYTE 3 BYTE 4 BYTE 5 BYTES 6–63 CODE Response from Assert/Deassert Success: 0 0x8C CONTROL Fail: 1 Lines Each CONTROL line can be used to enable/disable the powering up of one of multiple slaves. USB PACKET COMMAND BYTE 0 USB PACKET USB PACKET USB PACKET USB PACKET USB PACKET USB PACKET COMMENTS DESCRIPTION COMMAND BYTE 1 BYTE 2 BYTE 3 BYTE 4 BYTE 5 BYTES 6–63 CODE Poll PUMBUS 0x0F Signal Lines USB PACKET COMMAND BYTE 0 USB PACKET USB PACKET USB PACKET USB PACKET USB PACKET USB PACKET COMMENTS DESCRIPTION COMMAND BYTE 1 BYTE 2 BYTE 3 BYTE 4 BYTE 5 BYTES 6–63 CODE Bit 0 for CONTROL 1, …, Response from bit 4 for Logic high for Poll PMBUS 0x8F CONTROL 5, 1, logic low for Signal Lines bit 5 for 0 ALERT, bits 6 and 7 not used Note that there is currently no support for RESET signal or WRITE_PROTECT signal. PMBUS/SMBUS Communications 48 SLLU093 – August 2006 Submit Documentation Feedback |