| データシートサーチシステム |
|
DSPIC33FJ06GS101TI/ML データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TI/ML データシート(HTML) 17 Page - Microchip Technology |
|
17 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 15 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 1.0 DEVICE OVERVIEW This document contains device-specific information for the following dsPIC33F Digital Signal Controller (DSC) devices: • dsPIC33FJ06GS101 • dsPIC33FJ06GS102 • dsPIC33FJ06GS202 • dsPIC33FJ16GS402 • dsPIC33FJ16GS404 • dsPIC33FJ16GS502 • dsPIC33FJ16GS504 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/ X04 devices contain extensive Digital Signal Processor (DSP) functionality with a high-performance, 16-bit microcontroller (MCU) architecture. Figure 1-1 shows a general block diagram of the core and peripheral modules in the dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 devices. Table 1-1 lists the functions of the various pins shown in the pinout diagrams. Note: This data sheet summarizes the features of the dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 families of devices. It is not intended to be a comprehensive reference source. To complement the information in this data sheet, refer to the “dsPIC33F Family Reference Manual” . Please see the Microchip web site (www.microchip.com) for the latest “dsPIC33F Family Reference Manual” sections. |