| データシートサーチシステム |
|
DSPIC33FJ06GS101TE/ML データシート(PDF) 218 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TE/ML データシート(HTML) 218 Page - Microchip Technology |
|
218 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 216 Preliminary © 2009 Microchip Technology Inc. REGISTER 15-19: PWMCAPx: PRIMARY PWMx TIME BASE CAPTURE REGISTER R-0 R-0 R-0 R-0 R-0 R-0 R-0 R-0 PWMCAP<15:8>(1,2) bit 15 bit 8 R-0 R-0 R-0 R-0 R-0 U-0 U-0 U-0 PWMCAP<7:3>(1,2) — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-3 PWMCAP<15:3>: Captured PWM Time Base Value bits(1,2) The value in this register represents the captured PWM time base value when a leading edge is detected on the current-limit input. bit 2-0 Unimplemented: Read as ‘0’ Note 1: The capture feature is only available on primary output (PWMxH). 2: This feature is active only after LEB processing on the current-limit input signal is complete. |