データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ06GS101TE/ML データシート(PDF) 98 Page - Microchip Technology

部品番号 DSPIC33FJ06GS101TE/ML
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/ML データシート(HTML) 98 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/ML Datasheet HTML 94Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 95Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 96Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 97Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 98Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 99Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 100Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 101Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 96
Preliminary
© 2009 Microchip Technology Inc.
FIGURE 7-1:
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 INTERRUPT VECTOR
TABLE
Reset – GOTO Instruction
0x000000
Reset – GOTO Address
0x000002
Reserved
0x000004
Oscillator Fail Trap Vector
Address Error Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
Reserved
Reserved
Reserved
Interrupt Vector 0
0x000014
Interrupt Vector 1
~
~
~
Interrupt Vector 52
0x00007C
Interrupt Vector 53
0x00007E
Interrupt Vector 54
0x000080
~
~
~
Interrupt Vector 116
0x0000FC
Interrupt Vector 117
0x0000FE
Reserved
0x000100
Reserved
0x000102
Reserved
Oscillator Fail Trap Vector
Address Error Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
Reserved
Reserved
Reserved
Interrupt Vector 0
0x000114
Interrupt Vector 1
~
~
~
Interrupt Vector 52
0x00017C
Interrupt Vector 53
0x00017E
Interrupt Vector 54
0x000180
~
~
~
Interrupt Vector 116
Interrupt Vector 117
0x0001FE
Start of Code
0x000200
Interrupt Vector Table (IVT)(1)
Alternate Interrupt Vector Table (AIVT)(1)
Note 1:
See Table 7-1 for the list of implemented interrupt vectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More