| データシートサーチシステム |
|
DSPIC33FJ06GS101TE/ML データシート(PDF) 109 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TE/ML データシート(HTML) 109 Page - Microchip Technology |
|
109 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 107 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 REGISTER 7-7: IFS3: INTERRUPT FLAG STATUS REGISTER 3 REGISTER 7-8: IFS4: INTERRUPT FLAG STATUS REGISTER 4 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 U-0 — — — — — — PSEMIF — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-10 Unimplemented: Read as ‘0’ bit 9 PSEMIF: PWM Special Event Match Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 8-0 Unimplemented: Read as ‘0’ U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 U-0 — — — — — —U1EIF — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-2 Unimplemented: Read as ‘0’ bit 1 U1EIF: UART1 Error Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 0 Unimplemented: Read as ‘0’ |