| データシートサーチシステム |
|
DSPIC33FJ06GS101TE/ML データシート(PDF) 154 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TE/ML データシート(HTML) 154 Page - Microchip Technology |
|
154 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 152 Preliminary © 2009 Microchip Technology Inc. REGISTER 9-5: PMD6: PERIPHERAL MODULE DISABLE CONTROL REGISTER 6 U-0 U-0 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 — — — — PWM4MD PWM3MD PWM2MD PWM1MD bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-12 Unimplemented: Read as ‘0’ bit 11 PWM4MD : PWM Generator 4 Module Disable bit 1 = PWM Generator 4 module is disabled 0 = PWM Generator 4 module is enabled bit 10 PWM3MD : PWM Generator 3 Module Disable bit 1 = PWM Generator 3 module is disabled 0 = PWM Generator 3 module is enabled bit 9 PWM2MD : PWM Generator 2 Module Disable bit 1 = PWM Generator 2 module is disabled 0 = PWM Generator 2 module is enabled bit 8 PWM1MD : PWM Generator 1 Module Disable bit 1 = PWM Generator 1 module is disabled 0 = PWM Generator 1 module is enabled bit 7-0 Unimplemented: Read as ‘0’ |