データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ06GS201TE/ML データシート(PDF) 12 Page - Microchip Technology

部品番号 DSPIC33FJ06GS201TE/ML
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML データシート(HTML) 12 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 10Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 11Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 13Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 14Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 15Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 10
Preliminary
© 2009 Microchip Technology Inc.
Pin Diagrams (Continued)
44-Pin QFN(2)
44
dsPIC33FJ16GS504
43 42 41 40 39 38 37 36 35
12 13 14 15 16 17 18 19 20 21
3
30
29
28
27
26
25
24
23
4
5
7
8
9
10
11
1
2
32
31
6
22
33
34
AN4/CMP2C/CMP3A/RP9(1)/CN9/RB9
AN5/CMP2D/CMP3B/RP10(1)/CN10/RB10
OSC1/CLKI/AN6/CMP3C/CMP4A/RP1(1)/CN1/RB1
OSC2/CLKO/AN7/CMP3D/CMP4B/RP2(1)/CN2/RB2
AN8/CMP4C/RP17(1)/CN17/RC1
AN10/RP26(1)/CN26/RC10
VDD
AN11/RP25(1)/CN25/RC9
VSS
PWM2H/RP13(1)/CN13/RB13
TCK/PWM3L/RP12(1)/CN12/RB12
TMS/PWM3H/RP11(1)/CN11/RB11
VCAP/VDDCORE
VSS
RP20(1)/CN20/RC4
RP19(1)/CN19/RC3
RP22(1)/RN22/RC6
RP21(1)/CN21/RC5
PGEC1/SDA/RP7(1)/CN7/RB7
PWM2L/RP14(1)/CN14/RB14
AN3/CMP1D/CMP2B/RP0(1)/CN0/RB0
AN2/CMP1C/CMP2A/RA2
Note
1:
The RPn pins can be used by any remappable peripheral. See the “dsPIC33FJ06GS101/X02 and
dsPIC33FJ16GSX02/X04 Controller Families”
table for the list of available peripherals.
2:
The metal plane at the bottom of the device is not connected to any pins and is recommended to connect to VSS
externally.
= Pins are up to 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More