| データシートサーチシステム |
|
DSPIC33FJ06GS201TI/MM データシート(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/MM データシート(HTML) 23 Page - Microchip Technology |
|
23 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 21 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 2.5 ICSP Pins The PGECx and PGEDx pins are used for In-Circuit Serial Programming™ (ICSP™) and debugging purposes. It is recommended to keep the trace length between the ICSP connector and the ICSP pins on the device as short as possible. If the ICSP connector is expected to experience an ESD event, a series resistor is recommended, with the value in the range of a few tens of Ohms, not to exceed 100 Ohms. Pull-up resistors, series diodes, and capacitors on the PGECx and PGEDx pins are not recommended as they will interfere with the programmer/debugger communications to the device. If such discrete components are an application requirement, they should be removed from the circuit during program- ming and debugging. Alternatively, refer to the AC/DC characteristics and timing requirements information in the respective device Flash programming specification for information on capacitive loading limits and pin input voltage high (VIH) and input low (VIL) requirements. Ensure that the “Communication Channel Select” (i.e., PGECx/PGEDx pins) programmed into the device matches the physical connections for the ICSP to MPLAB® ICD 2, MPLAB® ICD 3, or MPLAB® REAL ICE™. For more information on ICD 2, ICD 3, and REAL ICE connection requirements, refer to the following documents that are available on the Microchip website. •“ MPLAB® ICD 2 In-Circuit Debugger User's Guide” DS51331 •“Using MPLAB® ICD 2” (poster) DS51265 •“MPLAB® ICD 2 Design Advisory” DS51566 •“Using MPLAB® ICD 3” (poster) DS51765 •“MPLAB® ICD 3 Design Advisory” DS51764 •“MPLAB® REAL ICE™ In-Circuit Debugger User's Guide” DS51616 •“Using MPLAB® REAL ICE™” (poster) DS51749 2.6 External Oscillator Pins Many DSCs have options for at least two oscillators: a high-frequency primary oscillator and a low-frequency secondary oscillator (refer to Section 8.0 “Oscillator Configuration” for details). The oscillator circuit should be placed on the same side of the board as the device. Also, place the oscillator circuit close to the respective oscillator pins, not exceeding one-half inch (12 mm) distance between them. The load capacitors should be placed next to the oscillator itself, on the same side of the board. Use a grounded copper pour around the oscillator circuit to isolate them from surrounding circuits. The grounded copper pour should be routed directly to the MCU ground. Do not run any signal traces or power traces inside the ground pour. Also, if using a two-sided board, avoid any traces on the other side of the board where the crystal is placed. A suggested layout is shown in Figure 2-3. FIGURE 2-3: SUGGESTED PLACEMENT OF THE OSCILLATOR CIRCUIT 13 Main Oscillator Guard Ring Guard Trace Secondary Oscillator 14 15 16 17 18 19 20 |