| データシートサーチシステム |
|
TL074QDREP データシート(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL074QDREP データシート(HTML) 3 Page - Texas Instruments |
|
3 / 19 page ![]() TL072-EP, TL074-EP www.ti.com SLOS747F – OCTOBER 2011 – REVISED DECEMBER 2012 ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC+ 18 Supply voltage(2) V VCC– 18 VID Differential input voltage(3) ±30 V VI Input voltage(2) (4) ±15 V Duration of output short circuit(5) Unlimited TL072 97.5 θJA Thermal resistance, junction-to-ambient(6) (7) °C/W TL074 86 TL072 38.3 θJC Thermal resistance, junction-to-case(7) °C/W TL074 51.5 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC−. (3) Differential voltages are at IN+, with respect to IN −. (4) The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. (5) The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. (6) Operating at the absolute maximum TJ of 150°C can affect reliability. (7) The package thermal impedance is calculated in accordance with JESD 51-7. Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: TL072-EP TL074-EP |