| データシートサーチシステム |
|
54LS14 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
54LS14 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 8 page ![]() TLF6353 June 1989 54LS14DM74LS14 Hex Inverters with Schmitt Trigger Inputs General Description This device contains six independent gates each of which performs the logic INVERT function Each input has hyster- esis which increases the noise immunity and transforms a slowly changing input signal to a fast changing jitter free output Connection Diagram Dual-In-Line Package TLF6353 – 1 Order Number 54LS14DMQB 54LS14FMQB 54LS14LMQB DM74LS14M or DM74LS14N See NS Package Number E20A J14A M14A N14A or W14B Function Table Y e A Input Output AY LH HL H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |