| データシートサーチシステム |
|
TLC27M2CPWRG4 データシート(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC27M2CPWRG4 データシート(HTML) 10 Page - Texas Instruments |
|
10 / 50 page ![]() TLC27M2, TLC27M2A, TLC27M2B, TLC27M7 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 10 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC27M2M TLC27M7M UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT TLC27M2M VO = 1.4 V, VIC = 0, 25 °C 1.1 10 VIO Input offset voltage TLC27M2M VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 100 kΩ Full range 12 mV VIO Input offset voltage TLC27M7M VO = 1.4 V, VIC = 0, 25 °C 190 800 mV TLC27M7M VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 100 kΩ Full range 4300 αVIO Average temperature coefficient of input offset voltage 25 °C to 125 °C 2.1 µV/°C IIO Input offset current (see Note 4) VO = 5 V, VIC = 5 V 25 °C 0.1 60 pA IIO Input offset current (see Note 4) VO = 5 V, VIC = 5 V 125 °C 1.8 15 pA IIB Input bias current (see Note 4) VO = 5 V, VIC = 5 V 25 °C 0.7 60 pA IIB Input bias current (see Note 4) VO = 5 V, VIC = 5 V 125 °C 10 35 pA VICR Common-mode input voltage range 25 °C 0 to 9 − 0.3 to 9.2 V VICR Common-mode input voltage range (see Note 5) Full range 0 to 8.5 V 25 °C 8 8.7 VOH High-level output voltage VID = 100 mV, RL = 100 kΩ −55 °C 7.8 8.6 V VOH High-level output voltage VID = 100 mV, RL = 100 kΩ 125 °C 7.8 8.8 V 25 °C 0 50 VOL Low-level output voltage VID = − 100 mV, IOL = 0 −55 °C 0 50 mV VOL Low-level output voltage VID = − 100 mV, IOL = 0 125 °C 0 50 mV Large-signal differential voltage 25 °C 25 275 AVD Large-signal differential voltage amplification VO = 1 V to 6 V, RL = 100 kΩ −55 °C 15 420 V/mV AVD amplification VO = 1 V to 6 V, RL = 100 kΩ 125 °C 15 190 V/mV 25 °C 65 94 CMRR Common-mode rejection ratio VIC = VICRmin −55 °C 60 93 dB CMRR Common-mode rejection ratio VIC = VICRmin 125 °C 60 93 dB Supply-voltage rejection ratio 25 °C 70 93 kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V −55 °C 60 91 dB kSVR ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V 125 °C 60 94 dB VO = 5 V, VIC = 5 V, 25 °C 285 600 IDD Supply current (two amplifiers) VO = 5 V, No load VIC = 5 V, −55 °C 490 1000 µA IDD Supply current (two amplifiers) No load 125 °C 180 480 µA † Full range is − 55°C to 125°C. NOTES: 4. The typical values of input bias current and input offset current below 5 pA were determined mathematically. 5. This range also applies to each input individually. |