| データシートサーチシステム |
|
DM3725CBPA データシート(PDF) 43 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725CBPA データシート(HTML) 43 Page - Texas Instruments |
|
43 / 280 page ![]() DM3730, DM3725 www.ti.com SPRS685D – AUGUST 2010 – REVISED JULY 2011 Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued) BALL BALL BALL RESET BUFFER PULLUP BALL TOP RESET IO CELL BOTTOM PIN NAME [2] MODE [3] TYPE [4] RESET REL. MODE POWER [8] HYS [9] STRENGTH /DOWN [1] REL. [12] [1] STATE [5] [7] (mA) [10] TYPE [11] STATE [6] AG2, AG3, B4, B7, B10, vss 0 GND - - - - - - - - AG6, AF12, B15, B18, AF20, AE12, C22, E2, AE20, F22, H2, P2, AC25, AB5, AB14, AC26, Y12, AB20 Y13, Y25, W3, W10, W13, W14, W17, W19, W25, V9, V10, V19, U2, U9, T20, R19, R20, R26, P3, P4, P9, P10, P19, N9, M20, L19, L20, L26, K9, K10, K12, K16, K17, K19, J3, J12, J13, J16, J17, G27, E3,E4, D7, D10, D13, D19, D21, C7, C10, C13, C19, C22, B2, B27, A3, A26 AA15 NA cap_vddu_wkup_ 0 PWR - - - - - - - - logic AH10, A12, AA1, Feed-Through - - - - - - - - - - AH11, AA23, AB11, Pins (9) AH13, AB9, AC11, AH15, AC13, AH16, AC14, AC8, AG11, AC9, H23, AG13, AF1, K1, L1, U1, AF28, AE28, Y23, A1, A2, AA1, N1, A22, A23, M1, J28, AB1, AB23, A15, M2, AC1, AC2, N2, A1, A2, AC22, A27, A28, AC23, B1, AG1, AG28, B23, AA2, AH1, AH2, U2, AA22, AH27, AB8, AB13, AH28, B1, B12, H22, B28, AA2, K2, K22, L2 AF2, AF27, AG10, AG15, B15, J27, M26 Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 43 Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |