| データシートサーチシステム |
|
TSV992AIYST データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TSV992AIYST データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 25 page ![]() Absolute maximum ratings and operating conditions TSV99x, TSV99xA 4/25 Doc ID 12833 Rev 9 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.5 to 5.5 V Vicm Common mode input voltage range VCC- -0.1 to VCC+ +0.1 V Top Operating free air temperature range -40 to +125 °C |