| データシートサーチシステム |
|
54LS42 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
54LS42 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 8 page ![]() TLF6365 June 1989 54LS42DM54LS42DM74LS42 BCDDecimal Decoders General Description These BCD-to-decimal decoders consist of eight inverters and ten four-input NAND gates The inverters are connect- ed in pairs to make BCD input data available for decoding by the NAND gates Full decoding of input logic ensures that all outputs remain off for all invalid (10 – 15) input condi- tions Features Y Diode clamped inputs Y Also for applications as 4-line-to-16-line decoders 3- line-to-8-line decoders Y All outputs are high for invalid input conditions Y Alternate MilitaryAerospace device (54LS42) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6365 – 1 Order Number 54LS42DMQB 54LS42FMQB DM54LS42J DM54LS42W DM74LS42M or DM74LS42N See NS Package Number J16A M16A N16E or W16A Function Table No BCD Inputs Decimal Outputs D C B A 0123456789 0 L L L L L HHHHHHHHH 1 L L L HH L H HHHHHHH 2 L L H L H H L HHHHHHH 3 L L HHHHH L H HHHHH 4 L H L L H HHH L HHHHH 5 L H L HHHHHH L H HHH 6 LH HLH H H H H HLH H H 7 L HHHHHHHHHH L H H 8 H L L L H HHHHHHH L H 9 H L L HHHHHHHHHH L I H L H L H HHHHHHHHH N H L HHHHHHHHHHHH V HH L L HHHHHHHHHH A HH L H HHHHHHHHHH L HHH L H HHHHHHHHH I HHHHHHHHHHHHHH D H e High Level L e Low Level Logic Diagram TLF6365 – 2 C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |