データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EE2-5TNU-R6 データシート(PDF) 6 Page - NEC

部品番号 EE2-5TNU-R6
部品情報  Compact and lightweight, High breakdown voltage, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

EE2-5TNU-R6 データシート(HTML) 6 Page - NEC

Back Button EE2-5TNU-R6 Datasheet HTML 2Page - NEC EE2-5TNU-R6 Datasheet HTML 3Page - NEC EE2-5TNU-R6 Datasheet HTML 4Page - NEC EE2-5TNU-R6 Datasheet HTML 5Page - NEC EE2-5TNU-R6 Datasheet HTML 6Page - NEC EE2-5TNU-R6 Datasheet HTML 7Page - NEC EE2-5TNU-R6 Datasheet HTML 8Page - NEC EE2-5TNU-R6 Datasheet HTML 9Page - NEC EE2-5TNU-R6 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EE2 SERIES
6
PERFORMANCE DATA
■COIL TEMPERATURE RISE
Temperature is measured by coil resistance.
■SWITCHING CAPACITY
■MAXIMUM COIL VOLTAGE
This is allowed maximum value.
Inquiry for NEC/TOKIN under maximum value at
continuous use.
This is maximum value of permissible alteration.
Inquiry for NEC/TOKIN at continuous use.
■APPLIED VOLTAGE VS. TIMING (Sample: EE2-5NU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12