データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CG250LLSTR データシート(PDF) 3 Page - Littelfuse

部品番号 CG250LLSTR
部品情報  Gas Discharge Tube (GDT) Products CG/CG2 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG250LLSTR データシート(HTML) 3 Page - Littelfuse

  CG250LLSTR Datasheet HTML 1Page - Littelfuse CG250LLSTR Datasheet HTML 2Page - Littelfuse CG250LLSTR Datasheet HTML 3Page - Littelfuse CG250LLSTR Datasheet HTML 4Page - Littelfuse CG250LLSTR Datasheet HTML 5Page - Littelfuse CG250LLSTR Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
29
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG/CG2 Series
CG/CG2 Series
Device Dimensions
[0.331 ± 0.012]
8.4 ± 0.3
[0.239 ± 0.012]
6.07 ± 0.3
[0.0157 ± 0.0012]
0.40 ± 0.03
0.004
2 Surfaces
[0.032]
0.80
[0.388 ± 0.012]
9.85 ± 0.30
[0.439 ± 0.012]
11.15 ± 0.30
[0.331 ± 0.012]
8.40 ± 0.3
8.10 Max.
[0.319 DIA Max.]
9.85
[0.388]
11.65
[0.459]
8.60
[0.339]
1.80
[0.071]
TOP VIEW
PROFILE VIEW
SOLDER PAD LAYOUT
6.05 ± 0.2
[0.238 ± 0.0079]
5.58 [0.220]
R5.29 [R0.208]
4 ± 0.2
[0.157 ± 0.0079]
8.30 ± 0.1
[0.327 ± 0.0039]
8.71 [0.343]
2.29 [0.090]
5.89 [0.232]
0.47 ± 0.1
[0.019 ± 0.0039]
TOP VIEW
PROFILE VIEW
SEMI–PROFILE VIEW
SOLDER PAD LAYOUT
Leaded 'LS' Type Shaped Lead Devices
'MS' Type Devices
Leaded 'L' Type Straight Axial Devices
Core Devices
8.10DIA. MAX.
[0.319] 
6.07 ± 0.15
0.81DIA. TYP.
[0.032]
62 ± 2
[0.239 ± 0.006]
TOP VIEW
PROFILE VIEW
6.07 ± 0.15
[0.239 ± 0.0059]
5.89[0.232]
8.10 Max.
[0.032 Max.]
TOP VIEW
PROFILE VIEW
SEMI–PROFILE VIEW
0.47 ± 0.1
[0.019 ± 0.0039]



Html Pages

1 2 3 4 5 6