| データシートサーチシステム |
|
CG110LLSTR データシート(PDF) 3 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
CG110LLSTR データシート(HTML) 3 Page - Littelfuse |
|
3 / 6 page ![]() Gas Discharge Tube (GDT) Products ©2013 Littelfuse, Inc. Revised: January 10, 2013 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. CG/CG2 Series CG/CG2 Series Device Dimensions [0.331 ± 0.012] 8.4 ± 0.3 [0.239 ± 0.012] 6.07 ± 0.3 [0.0157 ± 0.0012] 0.40 ± 0.03 0.004 2 Surfaces [0.032] 0.80 [0.388 ± 0.012] 9.85 ± 0.30 [0.439 ± 0.012] 11.15 ± 0.30 [0.331 ± 0.012] 8.40 ± 0.3 8.10 Max. [0.319 DIA Max.] 9.85 [0.388] 11.65 [0.459] 8.60 [0.339] 1.80 [0.071] TOP VIEW PROFILE VIEW SOLDER PAD LAYOUT 6.05 ± 0.2 [0.238 ± 0.0079] 5.58 [0.220] R5.29 [R0.208] 4 ± 0.2 [0.157 ± 0.0079] 8.30 ± 0.1 [0.327 ± 0.0039] 8.71 [0.343] 2.29 [0.090] 5.89 [0.232] 0.47 ± 0.1 [0.019 ± 0.0039] TOP VIEW PROFILE VIEW SEMI–PROFILE VIEW SOLDER PAD LAYOUT Leaded 'LS' Type Shaped Lead Devices 'MS' Type Devices Leaded 'L' Type Straight Axial Devices Core Devices 6.05 ± 0.2 [0.268 ± 0.0080] 5.58[0.232] 8.71 [0.343] 2.29 [0.090] 5.89 [0.232] 4.00 16.00 24.00 11.50 1.75 TOP VIEW PROFILE VIEW SEMI–PROFILE VIEW SOLDER PAD LAYOUT TOP VIEW PROFILE VIEW SOLDER PAD LAYOUT DIMENSIONS mm [inches] Shaped Lead 0.512 (13.0) Arbor Hole Dia. 1.01 (25.7) 12.99 (330.0) Direction of Feed 16 250G XXXX Voltage Rating Current Rating Date Code (Contact Littelfuse for additional information) Littelfuse Trademark 8.30 ± 0.1 Ø6.81 [0.268] 0.47 ± 0.1 R5.29[R0.208] 4 ± 0.2 [0.161 ± 0.0080] 8.10DIA. MAX. [0.319] 6.07 ± 0.15 0.81DIA. TYP. [0.032] 62 ± 2 [0.239 ± 0.006] [0.331 ± 0.012] 8.4 ± 0.3 [0.0157 ± 0.0012] 0.40 ± 0.03 0.004 2 Surfaces [0.032] 0.81 [0.388 ± 0.012] 9.85 ± 0.30 [0.439 ± 0.012] 11.15 ± 0.30 [0.239 0.012] 6.07 0.30 ± ± [0.331 ± 0.012] 8.40 ± 0.3 9.85[0.388] 11.68[0.460] 8.66[0.341] 1.77[0.070] 8.10 Max. [0.319 DIA Max.] 16 250G XXXX 16 250G XXXX 16 250G XXXX 16 250G XXXX 16 250G XXXX Surface Mount (MS) Dimensions TOP VIEW PROFILE VIEW 6.07 ± 0.15 [0.239 ± 0.0059] 5.89[0.232] 8.10 Max. [0.032 Max.] TOP VIEW PROFILE VIEW SEMI–PROFILE VIEW 0.47 ± 0.1 [0.019 ± 0.0039] |