| データシートサーチシステム |
|
4816H-R2R-503 データシート(PDF) 51 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
4816H-R2R-503 データシート(HTML) 51 Page - Bourns Electronic Solutions |
|
51 / 62 page ![]() Specifications are subject to change without notice. 327 COMPUTER CONTROLLER SCSI BUS . . . . AMERICAN NATIONAL STANDARD X3 131-1986 Peripheral devices such as magnetic-disks, printers, optical-disks, and magnetic-tapes. SINGLE INITIATOR, SINGLE TARGET COMPUTER CONTROLLER SCSI BUS . . . . SINGLE INITIATOR, MULTIPLE TARGET CONTROLLER . . . . CONTROLLER COMPUTER SCSI BUS . . . . MULTIPLE INITIATOR, MULTIPLE TARGET BLOCK DIAGRAM OF SCSI SYSTEM CONTROLLER . . . . COMPUTER CONTROLLER . . . . CONTROLLER . . . . CONTROLLER . . . . COMPUTER Use Bourns Networks to: • Provide the terminating resistors required for SCSI implementation. • Optimize signal transmission by eliminating overshoot and ringing. • Minimize space and routing problems, and reduce manufacturing cost per installed resistive function. • Increase board yields and reliability by reducing component count. Termination Of The SCSI Bus The Small Computer System Interface follows American National Standard which provides the mechanical, electrical, and functional requirements for an input/output bus to connect small computers with a variety of peripheral devices. The most com- mon application of this bus is to connect small computers with disk drive (mass storage) units. The primary resistor network application in SCSI busses is line termination. The termination method is specified in ANSI X3.131-1986 as either a Thevenin equivalent dual terminator SCSI Applications |