| データシートサーチシステム |
|
91A1A-R16-A データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
91A1A-R16-A データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 5 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. SEE DETAIL FOR SHAFT OPTIONS 10.16 (.40) 1 2 3 Model 91 PC Pin Terminals, In-Line 1 3 1 2 2 5.08 (.20) Model 93 PC Pin Terminals, "L" Pattern 3/8 THREADLESS (9.53 mm) (STYLE "D") 3/8-32 UNEF (9.53 mm) (STYLE "A") 1/4-32 UNEF (6.35 mm) (STYLE "C") M10 X 0.75-6g (STYLE "R") M7 X 0.75-6g (STYLE "U") Bushing Styles 10.16 (.40) .41 (.016) Model 95 Solder Lug Terminals, "Triangular" Pattern SEE NOTE Shaft Styles *DIMENSIONS ARE IN MM SHAFT TYPE "W" STD. LENGTHS "L" 1" FINGER KNURL, FOR USE WITH BUSHING A OR D SHAFT TYPE "R" STD. LENGTHS "L" (5/8), (3/4), (7/8) USES BUSHING R SHAFT TYPE "T" STD. LENGTHS "L" (1/2), (5/8), (7/8) USES BUSHING U 3 1 2 4 DPST (NO/NC) (TYPES 50, 51, 56, 57) 3 1 4 2 DPST (NC/NC) (TYPES 54, 55, 60, 61) 3 1 DPST (NO/NO) (TYPES 52, 53, 58, 59) 4 2 3 1 DPST (NC/NC) (TYPES 70, 71, 72, 73) 4 5 6 2 Switch contacts shown in detent position. 22.86 ± .43 (.90 ± .017) 12.7 (.50) .79 ± .41 (.031 ± .016) 9.53 ± .38 (.375 ± .015) (STYLE A) 6.35 ± .38 (.250 ± .015) (STYLE C) 15.88 ± .38 (.625 + .015) 1.37 (.054) 2.36 (.093) 11.05 ± .20 (.435 ± .008) 15.29 ± .56 (.602 ±.022) (MODEL 91 ONLY) DIA. 13.72 (.54) 15.88 ± .38 (.625 ± .015) 9.53 ± .38 (.375 ± .015) .81 (.032) DIA. 2.54 (.100) 2.54 (.100) 5.97 ± .38 (.235 ± .015) .81 (.032) DIA. TYP. 10.16 ± .30 (.40 ± .012) 5.08 ± .38 (.20 ± .015) TYP. 11.05 ± .20 (.435 ± .008) 12.7 ± 1.02 (.50 ± .040) 4.45 ± .38 (.175 ± .015) 5.59 ± .20 (.220 ± .008) 4.45 ± .38 (.175 ± .015) 2.54 (.100) 2.54 (.100) 5.08 ± 1.02 (.200 ± .040) 2.03 (.080) 3 PLCS. (.040) WIDE X (.090) LONG 3 PLCS. 1.02 2.29 1.60+.38/-.00 (.063+.015/-.000) 6.31+.025/-.076 (.2485+.001/.003) DIA 6.31+.025/-.076 (.2485+.001/.003) DIA. 5.49 (.216) 1.19 (.047) 6.31+.025/-.076 (.2485+.001/.010) DIA. 14.27 ± .25 (.562 ± .010) 1.80 ± .25 (0.07 ± .001) 1.00 (.04) 1.50 ± .25 (0.06 ± .001) 13.16+.00/-.15 (.1245+.000/-.006) DIA. 6.0 (.236) DIA. DIA. 3.988 (.157) SHAFT TYPE "B" STD. LENGTHS "L" (1/2), (5/8), 12.7 15.88 19.05 (3/4), 22.23 (7/8) SHAFT TYPE "C" STD. LENGTHS "L" (3/4), (7/8) USES BUSHING A OR D 19.05 22.0 SHAFT TYPE "D" STD. LENGTHS "L" (1/2), (5/8), (3/4) USES BUSHING C 12.7 15.88 19.05 NOTE: FOR (.750) SHAFT - FLAT LENGTH IS (.313) FOR (.875) SHAFT - FLAT LENGTH IS (.440) 19.05 7.95 11.18 TOLERANCES EXCEPT AS SHOWN: DECIMAL .XXX ± (.015 ) FRACTION ± 1/64 .XX ± (.38) ANGLE ±5 ° .128 .005 16.0 19.05 22.0 16.0 22.0 12.0 .79 (0.03) 22.23 USES BUSHING A OR D MOUNTING SURFACE 31 2 6 5 4 2 3 1 Model 99 1st Cup Same As Model 95 (2nd Cup - Switch) 2.77 ± .38 (1.09 ± .015) 15.88 (.625) REF. 24.77 ± .51 (.975 ± .020) 2.41 X 1.14 (.095 ± .045) SLOT 6 PLCS 2.29 (.090) 6 PLCS. 2.77 ± .38 (.109 ± .015) 16.89 ± .51 (.665 ± .020) 5.59 ± .38 (.022 ± .015) 4.45 ± .38 (.175 ± .015) 5.08 (.20) 321 321 Model 92 J-Hooked Terminals, In-Line Model 94 J-Hooked Terminals, "L" Pattern 1.52 (.06) .254 (.010) GAP .79 (.031) 2 PLCS. 5.33 ± .76 (.21 ± .03) 1.52 (.06) GAP .81 (.032) R. MAX. 3.81 (.150) MAX. TYP. 1 3 CCW 2 POTENTIOMETER TOTAL ROTATION 300 ° CW DETENT 25 ° MAX. ACTUATION ANGLE (TYPES 50, 52, 54, 56, 58, 60, 70, 72) CCW DETENT 25 ° MAX. ACTUATION ANGLE (TYPES 51, 53, 55, 57, 59, 61, 71, 73) NOTE: Switch terminals shown in vertical position. 120 ° ± 5 ° STD. FLAT ORIENTATION (SHAFT AT CCW END) Switch Module Variations Shaft Flat Orientation DIMENSIONS ARE: MM (INCHES) 91, 92, 93, 94, 95, 96, 99 - 5/8 ” Square Single-Turn Product Dimensions |