| データシートサーチシステム |
|
ADR5041AKSZ-R21 データシート(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR5041AKSZ-R21 データシート(HTML) 12 Page - Analog Devices |
|
12 / 16 page ![]() ADR5040/ADR5041/ADR5043/ADR5044/ADR5045 Rev. A | Page 12 of 16 Adjustable Precision Voltage Source The ADR5040/ADR5041/ADR5043/ADR5044/ADR5045, combined with a precision low input bias op amp such as the AD8610, can be used to output a precise adjustable voltage. Figure 22 illustrates the implementation of this application using the ADR5040/ADR5041/ADR5043/ADR5044/ADR5045. The output of the op amp, VOUT, is determined by the gain of the circuit, which is completely dependent on the resistors, R1 and R2. VOUT = (1 + R2/R1)VREF An additional capacitor, C1, in parallel with R2, can be added to filter out high frequency noise. The value of C1 is dependent on the value of R2. AD8610 RBIAS VREF GND R1 R2 C1 (OPTIONAL) VOUT = VREF (1 + R2/R1) ADR5040/ADR5041/ ADR5043/ADR5044/ ADR5045 VCC Figure 22. Adjustable Voltage Source Programmable Current Source By using just a few ultrasmall and inexpensive parts, it is possible to build a programmable current source, as shown in Figure 23. The constant voltage on the gate of the transistor sets the current through the load. Varying the voltage on the gate changes the current. The AD5247 is a digital potentiometer with I2C® digital interface, and the AD8601 is a precision rail-to-rail input op amp. Each incremental step of the digital potentiometer increases or decreases the voltage at the noninverting input of the op amp. Therefore, this voltage varies with respect to the reference voltage. ILOAD AD8601 V+ V– AD5247 ADR5040/ ADR5041/ ADR5043/ ADR5044/ ADR5045 RSENSE RBIAS VDD Figure 23. Programmable Current Source |