データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIG252012-R50 データシート(PDF) 2 Page - Delta Electronics, Inc.

部品番号 SIG252012-R50
部品情報  SPECIFICATION FOR APPROVAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DELTA [Delta Electronics, Inc.]
ホームページ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIG252012-R50 データシート(HTML) 2 Page - Delta Electronics, Inc.

  SIG252012-R50 Datasheet HTML 1Page - Delta Electronics, Inc. SIG252012-R50 Datasheet HTML 2Page - Delta Electronics, Inc. SIG252012-R50 Datasheet HTML 3Page - Delta Electronics, Inc. SIG252012-R50 Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SIG252012-XXX
REVISION
: A4
PAGE
: 2 OF 11
B
C
A
5. Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown above after confirming and safety.
6. Specifications
Rdc ( mΩ)
Heat Rating Current DC
Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Part Number
L0
Inductance
(
µH )
@ (0A)
Typical
Maximum
Typical
Maximum
Typical
Maximum
SIG252012-R22
0.22
31
38
3.50
3.15
4.50
4.05
SIG252012-R47
0.47
47
56
2.20
1.98
3.70
3.33
SIG252012-R50
0.50
56
67
2.15
1.93
3.50
3.15
SIG252012-R68
0.68
65
78
2.10
1.89
3.40
3.06
SIG252012-1R0
1.0
73
88
1.80
1.62
2.70
2.43
SIG252012-1R2
1.2
93
112
1.60
1.44
2.35
2.11
SIG252012-1R5
1.5
105
126
1.50
1.35
2.20
1.98
SIG252012-2R2
2.2
129
155
1.30
1.17
2.00
1.80
SIG252012-3R3
3.3
227
272
1.00
0.90
1.60
1.44
SIG252012-4R7
4.7
338
406
0.81
0.73
1.30
1.17
SIG252012-5R6
5.6
375
450
0.72
0.65
1.15
1.03
SIG252012-6R8
6.8
510
612
0.66
0.60
1.10
0.99
SIG252012-8R2
8.2
590
708
0.62
0.55
0.95
0.85
SIG252012-100
10.0
630
756
0.59
0.53
0.90
0.81
SIG252012-220
22.0
2,170
2,604
0.30
0.27
0.50
0.45
* :If you require another part number please contact with us.
**:Inductance Tolerance
± 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Idc : DC current (A) that will cause an approximate △T of 40℃
Note 3.: Isat : DC current (A) that will cause Lo to drop approximately 30%
Note 4.: Operating Temperature Range -55℃ to + 125℃
Note 5.: The part temperature (ambient + temp rise ) should not exceed 125℃ under worse case operating
conditions. Circuit design , component placement, PWB trace size and thickness, airflow and other
cooling provision all affect the part temperature. Part temperature should be verified in the end
application.
Note 6.:
The rated current as listed is either the saturation current or the heating current depending
on which value is lower.
A
2.1
B
0.8
C
2.6
Unit : mm



Html Pages

1 2 3 4