| データシートサーチシステム |
|
TNETE100APCM データシート(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE100APCM データシート(HTML) 23 Page - Texas Instruments |
|
23 / 26 page ![]() ThunderLAN ™ TNETE100A PCI ETHERNET ™ CONTROLLER SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN SPWS021B – OCTOBER 1995 – REVISED NOVEMBER 1996 23 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing requirements for crystal oscillator (see Figure 10)† MIN TYP MAX UNIT td(VDDH–FXTL1V) Delay time from minimum VDD high level to first valid FXTL1 full swing period 100‡ ms tw(H) Pulse duration at FXTL1 high 13‡ ns tw(L) Pulse duration at FXTL1 low 13‡ ns tt Transition time of FXTL1 7 ns tc Cycle time, FXTL1 50 ns Tolerance of FXTL1 input frequency "0.01 % † The FXTL signal can be driven by either a 20-MHz crystal using the FXTL1 and FXTL2 pins or by a 20-MHz crystal oscillator driving the FXTL1 pin. ‡ This specification is provided as an aid to board design. This specification is not tested during manufacturing testing. FXTL1 VDD td(VDDH–FXTL1V) Minimum VDD High Level tc tw(H) tw(L) tt tt Figure 10. Crystal Oscillator Timing |