| データシートサーチシステム |
|
SIG3010H-R47 データシート(PDF) 2 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SIG3010H-R47 データシート(HTML) 2 Page - Delta Electronics, Inc. |
|
2 / 4 page ![]() SPECIFICATION FOR APPROVAL DOCUMENT : SIG3010H-000 REVISION : A2 PAGE : 2 OF 4 Specifications Rdc ( m Ω) Heat Rating Current DC Amps. Idc ( A ) Saturation Current DC Amps. Isat ( A ) Part Number L0 Inductance ( µH ) @ (0A) Typical Maximum Typical Maximum Typical Maximum SIG3010H-R47 0.47 38 46 3.20 2.88 3.70 3.33 SIG3010H-1R0 1.0 68 82 2.75 2.48 3.00 2.70 SIG3010H-1R5 1.5 65 78 1.90 1.71 1.80 1.62 SIG3010H-2R2 2.2 90 108 1.60 1.44 1.60 1.44 SIG3010H-3R3 3.3 110 132 1.45 1.31 1.25 1.13 SIG3010H-4R7 4.7 167 200 1.20 1.08 1.00 0.90 SIG3010H-6R8 6.8 250 300 0.95 0.86 0.85 0.76 SIG3010H-8R2 8.2 311 373 0.85 0.77 0.80 0.72 SIG3010H-100 10.0 366 439 0.81 0.73 0.75 0.68 SIG3010H-150 15.0 672 807 0.72 0.64 0.58 0.52 SIG3010H-220 22.0 708 850 0.55 0.50 0.45 0.41 SIG3010H-330 33.0 1,360 1,632 0.50 0.45 0.38 0.34 SIG3010H-470 47.0 2,170 2,604 0.38 0.34 0.30 0.27 * :If you require another part number please contact with us. **:Inductance Tolerance ± 20% Note 1.: All test data is referenced to 25℃ ambient. Note 2.: Test Condition:1MHz, 1.0Vrms Note 3.: Idc : DC current (A) that will cause an approximate △T of 40℃ Note 4.: Isat : DC current (A) that will cause Lo to drop approximately 30% Note 5.: Operating Temperature Range -55℃ to + 125℃ Note 6.: The part temperature (ambient + temp rise ) should not exceed 125℃ under worse case operating conditions. Circuit design , component placement, PWB trace size and thickness, airflow and other cooling provision all affect the part temperature. Part temperature should be verified in the end application. Note 7.: The rated current as listed is either the saturation current or the heating current depending on which value is lower. |