| データシートサーチシステム |
|
GCM033 データシート(PDF) 39 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GCM033 データシート(HTML) 39 Page - Murata Manufacturing Co., Ltd. |
|
39 / 44 page ![]() 40 2 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Part Number Rated Voltage (V) TC Code (Standard) Capacitance (pF) Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) Continued from the preceding page. GCM31A7U2J180JX01D DC630 U2J (EIA) 18 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J220JX01D DC630 U2J (EIA) 22 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J270JX01D DC630 U2J (EIA) 27 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J330JX01D DC630 U2J (EIA) 33 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J390JX01D DC630 U2J (EIA) 39 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J470JX01D DC630 U2J (EIA) 47 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J560JX01D DC630 U2J (EIA) 56 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J680JX01D DC630 U2J (EIA) 68 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J820JX01D DC630 U2J (EIA) 82 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J101JX01D DC630 U2J (EIA) 100 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J121JX01D DC630 U2J (EIA) 120 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J151JX01D DC630 U2J (EIA) 150 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J181JX01D DC630 U2J (EIA) 180 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J221JX01D DC630 U2J (EIA) 220 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J271JX01D DC630 U2J (EIA) 270 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J331JX01D DC630 U2J (EIA) 330 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J391JX01D DC630 U2J (EIA) 390 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J471JX01D DC630 U2J (EIA) 470 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J561JX01D DC630 U2J (EIA) 560 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J681JX01D DC630 U2J (EIA) 680 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J821JX01D DC630 U2J (EIA) 820 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM31A7U2J102JX01D DC630 U2J (EIA) 1000 ±5% 3.2 1.6 1.0 1.5 0.3 min. GCM32A7U2J122JX01D DC630 U2J (EIA) 1200 ±5% 3.2 2.5 1.0 1.5 0.3 min. GCM32A7U2J152JX01D DC630 U2J (EIA) 1500 ±5% 3.2 2.5 1.0 1.5 0.3 min. GCM32A7U2J182JX01D DC630 U2J (EIA) 1800 ±5% 3.2 2.5 1.0 1.5 0.3 min. GCM32A7U2J222JX01D DC630 U2J (EIA) 2200 ±5% 3.2 2.5 1.0 1.5 0.3 min. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C03E.pdf 10.5.20 |