| データシートサーチシステム |
|
LT1806IS8 データシート(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1806IS8 データシート(HTML) 2 Page - Linear Technology |
|
2 / 28 page ![]() LT1806/LT1807 2 18067fc ABSOLUTE MAXIMUM RATINGS Total Supply Voltage (V+ to V –) ............................. 12.6V Input Voltage (Note 2).............................................. ±VS Input Current (Note 2).......................................... ±10mA Output Short-Circuit Duration (Note 3) ............ Indefinite Operating Temperature Range (Note 4) ...– 40°C to 85°C (Note 1) ORDER INFORMATION LEAD FREE FINISH TAPE AND REEL PART MARKING PACKAGE DESCRIPTION SPECIFIED TEMPERATURE RANGE LT1806CS6#PBF LT1806CS6#TRPBF LTNK 6-Lead Plastic TSOT-23 0°C to 70°C LT1806IS6#PBF LT1806IS6#TRPBF LTNL 6-Lead Plastic TSOT-23 –40°C to 85°C LT1806CS8#PBF LT1806CS8#TRPBF 1806 8-Lead Plastic SO 0°C to 70°C LT1806IS8#PBF LT1806IS8#TRPBF 1806I 8-Lead Plastic SO –40°C to 85°C LT1807CMS8#PBF LT1807CMS8#TRPBF LTTT 8-Lead Plastic MSOP 0°C to 70°C LT1807IMS8#PBF LT1807IMS8#TRPBF LTTV 8-Lead Plastic MSOP –40°C to 85°C LT1807CS8#PBF LT1807CS8#TRPBF 1807 8-Lead Plastic SO 0°C to 70°C LT1807IS8#PBF LT1807IS8#TRPBF 1807I 8-Lead Plastic SO –40°C to 85°C Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ OUT 1 V– 2 +IN 3 6 V+ 5 SHDN 4 –IN TOP VIEW S6 PACKAGE 6-LEAD PLASTIC TSOT-23 TJMAX = 150°C, θJA = 160°C/W (Note 9) TOP VIEW NC V+ OUT NC SHDN –IN +IN V– S8 PACKAGE 8-LEAD PLASTIC SO 1 2 3 4 8 7 6 5 TJMAX = 150°C, θJA = 100°C/W (Note 9) 1 2 3 4 OUT A –IN A +IN A V– 8 7 6 5 V+ OUT B –IN B +IN B TOP VIEW MS8 PACKAGE 8-LEAD PLASTIC MSOP TJMAX = 150°C, θJA = 135°C/W (Note 9) TOP VIEW V+ OUT B –IN B +IN B OUT A –IN A +IN A V– S8 PACKAGE 8-LEAD PLASTIC SO 1 2 3 4 8 7 6 5 TJMAX = 150°C, θJA = 100°C/W (Note 9) PIN CONFIGURATION Specified Temperature Range (Note 5) ....– 40°C to 85°C Junction Temperature ........................................... 150°C Storage Temperature Range ..................– 65°C to 150°C Lead Temperature (Soldering, 10 sec)................... 300°C |